|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
AMZ & AMY Series Passive 5-Tap DIP/SMD Delay Modules Low Profile 8-Pin Package for Surface Mount Applications Low Distortion LC Network 5 Equal Delay Taps Fast Rise Time -- BW 0.35 / tr Standard Impedances: 50 - 75 - 100 - 200 Stable Delay vs. Temperature: 100 ppm/OC Operating Temperature Range -55OC to +125OC Electrical Specifications at 25OC Delay Tolerances Total (ns) Tap-to-Tap (ns) 1, 2, 3 Operating Specifications - Passive Delay Lines Pulse Overshoot (Pos) ................................... 5% to 10%, typical Pulse Distortion (S) ..................................................... 3% typical Working Voltage .............................................. 25 VDC maximum Dielectric Strength ........................................... 100VDC minimum Insulation Resistance ........................ 1,000 M min. @ 100VDC Temperature Coefficient ................................. 70 ppm/OC, typical Bandwidth (fC) ....................................................... 0.35/tr approx. Operating Temperature Range ............................. -55O to +125OC Storage Temperature Range ................................ -65O to +150OC Note: For SMD Package add "G" of "J" as below to P/N in Table Rise Time (ns) DCR max. (Ohms) 75 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 100 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 200 Ohm Part Number Rise Time (ns) DCR max. (Ohms) 50 Ohm Part Number 2.5 0.3 5 0.5 6 0.5 7 0.5 7.5 0.5 8 0.5 9 0.5 10 1.0 15 1.0 20 1.0 25 1.25 30 1.5 35 1.75 40 2.0 50 2.5 60 3.0 75 3.75 80 4.0 100 5.0 0.5 0.2 AMZ-2.55 AMZ-55 1.0 0.3 AMZ-65 1.2 0.4 AMZ-75 1.4 0.4 1.5 0.5 AMZ-7.55 AMZ-85 1.6 0.5 AMZ-95 1.8 0.5 2.0 0.5 AMZ-105 3.0 0.6 AMZ-155 4.0 1.0 AMZ-205 5.0 1.0 AMZ-255 6.0 1.5 AMZ-305 7.0 1.5 AMZ-355 8.0 1.8 AMZ-405 10.0 2.0 AMZ-505 12.0 2.5 AMZ-605 15.0 3.0 AMZ-755 16.0 3.0 AMZ-805 20.0 3.0 AMZ-1005 1.5 2.0 2.3 2.6 2.8 3.0 3.3 3.4 5.2 6.8 8.5 10.2 11.9 13.6 17.0 20.4 25.5 27.2 34.0 0.4 0.5 0.5 0.6 0.6 0.6 0.7 0.7 0.9 1.0 1.3 1.4 1.5 1.6 2.0 2.2 2.5 2.6 3.0 AMZ-2.57 AMZ-57 AMZ-67 AMZ-77 AMZ-7.57 AMZ-87 AMZ-97 AMZ-107 AMZ-157 AMZ-207 AMZ-257 AMZ-307 AMZ-357 AMZ-407 AMZ-507 AMZ-607 AMZ-757 AMZ-807 AMZ-1007 1.5 2.0 2.3 2.6 2.8 3.0 3.4 3.5 5.2 6.8 8.5 10.2 11.9 13.6 17.0 20.4 25.5 27.2 34.0 0.6 0.6 0.6 0.6 0.8 0.9 0.9 0.9 1.7 1.9 2.1 2.2 2.4 2.7 2.9 3.3 3.6 3.4 3.7 AMZ-2.51 AMZ-51 AMZ-61 AMZ-71 AMZ-7.51 AMZ-81 AMZ-91 AMZ-101 AMZ-151 AMZ-201 AMZ-251 AMZ-301 AMZ-351 AMZ-401 AMZ-501 AMZ-601 AMZ-751 AMZ-801 AMZ-1001 1.5 2.0 2.4 2.8 2.9 3.0 3.4 3.6 5.2 6.8 8.5 10.2 11.9 13.6 17.0 20.4 25.5 27.2 34.0 0.6 0.6 0.7 0.8 0.8 0.8 0.8 0.9 1.8 2.0 2.2 2.4 2.6 2.8 3.1 3.3 3.6 5.0 5.8 AMZ-2.52 AMZ-52 AMZ-62 AMZ-72 AMZ-7.52 AMZ-82 AMZ-92 AMZ-102 AMZ-152 AMZ-202 AMZ-252 AMZ-302 AMZ-352 AMZ-402 AMZ-502 AMZ-602 AMZ-752 AMZ-802 AMZ-1002 1.5 2.0 2.6 2.8 2.9 3.1 3.4 3.6 5.2 6.8 8.5 10.2 11.9 13.6 17.0 20.4 25.5 27.2 34.0 0.9 1.1 1.1 1.1 1.4 1.4 1.4 1.6 2.7 2.8 3.0 3.2 3.4 3.6 5.5 6.2 6.8 7.0 7.8 1. Rise Times are measured from 10% to 90% points. 2. Delay Times measured at 50% point of leading edge. 3. Output (100% Tap) terminated to ground through RL=ZO AMZ Style Schematic Recommended for New Designs COM 20% 8 7 60% 6 COM 5 Dimensions in Inches (mm) .505 (12.83) MAX. .285 (7.24) MAX. .020 (0.51) .205 TYP. (5.21) MAX. .120 (3.05) MIN. .010 (0.25) TYP. .300 (7.62) .365 (9.27) MAX. AMY Style Schematic Per table, substitute AMY for AMZ in P/N COM 100% 8 7 80% 6 60% 5 1 IN 2 40% 3 80% 4 100% 1 COM 2 IN 3 20% 4 40% .020 (0.51) TYP. .050 (1.27) TYP. .100 (2.54) TYP. To Specify SMD: Add Suffix "G" to P/N .505 (12.83) MAX. .285 (7.24) MAX. To Specify SMD: Add Suffix "J" to P/N .505 (12.83) MAX. .285 (7.24) MAX. G-SMD .205 (5.21) MAX. G-SMD .030 (0.76) TYP. .430 (10.92) .400 (10.16) .008 R (0.20) .010 (0.25) TYP. .020 (0.51) TYP. J-SMD .215 (5.46) MAX. J-SMD .285 (7.24) .260 (6.60) .330 (8.38) MAX. AMZ 9901 .020 R (0.51) .020 (0.51) TYP. .050 (1.27) TYP. .100 (2.54) TYP. .015 (0.38) TYP. .050 (1.27) TYP. .100 (2.54) TYP. .030 (0.76) TYP. Specifications subject to change without notice. For other values & Custom Designs, contact factory. Rhombus Industries Inc. 15801 Chemical Lane, Huntington Beach, CA 92649-1595 Phone: (714) 898-0960 * FAX: (714) 896-0971 www.rhombus-ind.com * email: sales@rhombus-ind.com |
Price & Availability of AMZ-601 |